Part Number Hot Search : 
AS1100 KD520 PFT1306N FAN6206 BCPZRL MC33285D LOL29K 74AUP1
Product Description
Full Text Search
 

To Download 74VHC05TTR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/8 june 2001 n high speed: t pd = 3.8ns (typ.) at v cc = 5v n low power dissipation: i cc = 2 m a (max.) at t a =25c n high noise immunity: v nih = v nil = 28% v cc (min.) n power down protection on inputs n operating voltage range: v cc (opr) = 2v to 5.5v n pin and function compatible with 74 series 05 n improved latch-up immunity n low noise: v olp = 0.8v (max.) description the 74vhc05 is an advanced high-speed cmos open drain hex inverter fabricated with sub-micron silicon gate and double-layer metal wiring c 2 mos technology. the internal circuit is composed of 3 stages including buffer output, which provides high noise immunity and stable output. power down protection is provided on all inputs and 0 to 7v can be accepted on inputs with no regard to the supply voltage. this device can be used to interface 5v to 3v. all inputs and outputs are equipped with protection circuits against static discharge, giving them 2kv esd immunity and transient excess voltage. 74vhc05 hex inverter (open drain) pin connection and iec logic symbols order codes package tube t & r sop 74vhc05m 74vhc05mtr tssop 74VHC05TTR tssop sop
74vhc05 2/8 input equivalent circuit pin description truth table z: high impedance absolute maximum ratings absolute maximum ratings are those values beyond which damage to the device may occur. functional operation under these conditi ons is not implied recommended operating conditions 1) v in from 30% to 70% of v cc pin no symbol name and function 1, 3, 5, 9, 11, 13 1a to 6a data inputs 2, 4, 6, 8, 10, 12 1y to 6y data outputs 7 gnd ground (0v) 14 v cc positive supply voltage ay lz hl symbol parameter value unit v cc supply voltage -0.5 to +7.0 v v i dc input voltage -0.5 to +7.0 v v o dc output voltage -0.5 to v cc + 0.5 v i ik dc input diode current - 20 ma i ok dc output diode current 20 ma i o dc output current 25 ma i cc or i gnd dc v cc or ground current 75 ma t stg storage temperature -65 to +150 c t l lead temperature (10 sec) 300 c symbol parameter value unit v cc supply voltage 2 to 5.5 v v i input voltage 0 to 5.5 v v o output voltage 0 to v cc v t op operating temperature -55 to 125 c dt/dv input rise and fall time (note 1) (v cc = 3.3 0.3v) (v cc = 5.0 0.5v) 0 to 100 0 to 20 ns/v
74vhc05 3/8 dc specifications ac electrical characteristics (input t r = t f = 3ns) (*) voltage range is 3.3v 0.3v (**) voltage range is 5.0v 0.5v symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v ih high level input voltage 2.0 1.5 1.5 1.5 v 3.0 to 5.5 0.7v cc 0.7v cc 0.7v cc v il low level input voltage 2.0 0.5 0.5 0.5 v 3.0 to 5.5 0.3v cc 0.3v cc 0.3v cc v ol low level output voltage 2.0 i o =50 m a 0.0 0.1 0.1 0.1 v 3.0 i o =50 m a 0.0 0.1 0.1 0.1 4.5 i o =50 m a 0.0 0.1 0.1 0.1 3.0 i o =4 ma 0.36 0.44 0.55 4.5 i o =8 ma 0.36 0.44 0.55 i oz high impedance output leakage current 5.5 v i = v ih or v il v o = v cc or gnd 0.25 2.5 2.5 m a i i input leakage current 0 to 5.5 v i = 5.5v or gnd 0.1 1 1 m a i cc quiescent supply current 5.5 v i = v cc or gnd 22020 m a symbol parameter test condition value unit v cc (v) c l (pf) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. t pzl output enable time 3.3 (*) 15 r l = 1 k w 5.0 7.1 1.0 8.5 1.0 8.5 ns 3.3 (*) 50 r l = 1 k w 7.5 10.6 1.0 12.0 1.0 12.0 5.0 (**) 15 r l = 1 k w 3.8 5.5 1.0 6.5 1.0 6.5 5.0 (**) 50 r l = 1 k w 5.3 7.5 1.0 8.5 1.0 8.5 t plz output disable time 3.3 (*) 50 r l = 1 k w 7.5 10.6 1.0 12.0 1.0 12.0 ns 5.0 (**) 50 r l = 1 k w 5.3 7.5 1.0 8.5 1.0 8.5
74vhc05 4/8 capacitive characteristics 1) c pd is defined as the value of the ics internal equivalent capacitance which is calculated from the operating current consumption without load. (refer to test circuit). average operating current can be obtained by the following equation. i cc(opr) = c pd x v cc x f in + i cc /6 (per gate) dynamic switching characteristics 1) worst case package. 2) max number of outputs defined as (n). data inputs are driven 0v to 5.0v, (n-1) outputs switching and one output at gnd. 3) max number of data inputs (n) switching. (n-1) switching 0v to 5.0v. inputs under test switching: 5.0v to threshold (v ild ), 0v to threshold (v ihd ), f=1mhz. symbol parameter test condition value unit t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. c in input capacitance 6101010pf c out output capacitance 8pf c pd power dissipation capacitance (note 1) 3pf symbol parameter test condition value unit v cc (v) t a = 25c -40 to 85c -55 to 125c min. typ. max. min. max. min. max. v olp dynamic low voltage quiet output (note 1, 2) 5.0 c l = 50 pf 0.4 0.8 v v olv -0.8 -0.4 v ihd dynamic high voltage input (note 1, 3) 5.0 3.5 v v ild dynamic low voltage input (note 1, 3) 5.0 1.5 v
74vhc05 5/8 test circuit c l = 15/50pf or equivalent (includes jig and probe capacitance) r l = r1 = 1k w or equivalent r t = z out of pulse generator (typically 50 w ) waveform: propagation delays (f=1mhz; 50% duty cycle)
74vhc05 6/8 dim. mm. inch min. typ max. min. typ. max. a 1.75 0.068 a1 0.1 0.2 0.003 0.007 a2 1.65 0.064 b 0.35 0.46 0.013 0.018 b1 0.19 0.25 0.007 0.010 c 0.5 0.019 c1 45 (typ.) d 8.55 8.75 0.336 0.344 e 5.8 6.2 0.228 0.244 e 1.27 0.050 e3 7.62 0.300 f 3.8 4.0 0.149 0.157 g 4.6 5.3 0.181 0.208 l 0.5 1.27 0.019 0.050 m 0.68 0.026 s8 (max.) so-14 mechanical data po13g
74vhc05 7/8 dim. mm. inch min. typ max. min. typ. max. a 1.2 0.047 a1 0.05 0.15 0.002 0.004 0.006 a2 0.8 1 1.05 0.031 0.039 0.041 b 0.19 0.30 0.007 0.012 c 0.09 0.20 0.004 0.0089 d 4.9 5 5.1 0.193 0.197 0.201 e 6.2 6.4 6.6 0.244 0.252 0.260 e1 4.3 4.4 4.48 0.169 0.173 0.176 e 0.65 bsc 0.0256 bsc k0 80 8 l 0.45 0.60 0.75 0.018 0.024 0.030 tssop14 mechanical data c e b a2 a e1 d 1 pin 1 identification a1 l k e 0080337d
74vhc05 8/8 information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2001 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - china - finland - france - germany - hong kong - india - italy - japan - malaysia - malta - morocco singapore - spain - sweden - switzerland - united kingdom ? http://www.st.com


▲Up To Search▲   

 
Price & Availability of 74VHC05TTR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X